Part Number Hot Search : 
XP04114 08500 A1930 LA42205 2SJ28 BZX84C3 A1034P 52N20
Product Description
Full Text Search
 

To Download MBR20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
MBR2020CT THRU MBR20100CT
20 Amp Schottky Barrier Rectifier 20 to 100 Volts TO-220AB
Features
* * * * * Meatl of Silicon Rectifier, Majority Conducton Guard ring for transient protection Low Forward Voltage Drop High Current Capability, High Efficiency Low Power Loss
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V IF(AV) IFSM Maximum RMS Voltage 14V 21V 24.5V 28V 31.5V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
B C K
PIN 1 3
L M D A E
Catalog Number MBR2020CT MBR2030CT MBR2035CT MBR2040CT MBR2045CT MBR2060CT MBR2080CT MBR20100CT Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020CT-2045CT 2060CT 2080CT-20100CT 2020CT-2045CT 2060CT 2080CT-20100CT 2020CT-2045CT 2060CT 2080CT-20100CT
Maximum DC Reverse Current At Rated DC Blocking Voltage 2020CT~2045CT 2060CT~20100CT 2020CT~2045CT 2060CT~20100CT
F G I J N HH PIN 1 PIN 3
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
Electrical Characteristics @ 25C Unless Otherwise Specified
20 A 150A TA = 120C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 2 CASE
VF
.70V .80V .85V .84V .95V .95V .72V .85V .85V
IFM = 10A; TA =25C IFM = 20A; TA =25C IFM = 20A; TA =125C
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
IR
0.1mA TA = 25C 0.15mA 50mA TA = 125C 150mA *Pulse Test: Pulse Width 300sec, Duty Cycle 2%
www.cnelectr.com
MBR2020CT thru MBR20100CT
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .3 .4 .5 .6 .7 .8 2080CT-20100CT .2 TA=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 50 75 100 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 125 150 175 10 2060CT 6 4 2 2020CT-2045CT 1 .6 .4 Figure 2 Typical Reverse Characteristics
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 20
Figure 4 Peak Forward Surge Current 150
18 125 16 100 75 Amps 12 25 10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50
Amps
14
0
0
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X